PART |
Description |
Maker |
SGM721 SGM721XC5_TR SGM721XN5_TR SGM721XS SGM721XS |
970μA, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier 970レA, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
|
Shengbang Microelectronics Co, Ltd
|
AS1710 AS1712 |
High-Output-Drive 10MHz 10V/us Rail-to-Rail I/O Op Amps
|
austriamicrosystems AG
|
MAX4231AYT MAX4231AYTT |
High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
|
MAXIM - Dallas Semiconductor
|
LT1797IS5 LT1797CS5 LT1797 |
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
|
LINER[Linear Technology]
|
TSX920 TSX920ILT TSX921 TSX921ILT TSX921IYLT TSX92 |
10MHz, rail-to-rail 16V CMOS op-amps with standby
|
ST Microelectronics
|
MAX423008 MAX4231AUTT MAX4233AUBT MAX4231AXTT MAX4 |
High-Output-Drive, 10MHz, 10V/楼矛s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX423009 MAX4231ARTT MAX4231AUTT MAX4231AXTT MAX4 |
High-Output-Drive, 10MHz, 10V/渭s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/楼矛s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
|
http:// Maxim Integrated Products Maxim Integrated Produc...
|
AD8638ARJZ-R2 AD8639ACPZ-R2 AD8639ARMZ AD8639ARZ-R |
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 23 uV OFFSET-MAX, 1.35 MHz BAND WIDTH, PDSO5 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
|
Cadeka Microcircuits LLC.
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|